PART |
Description |
Maker |
PI74FCT157T PI74FCT2257T PI74FCT257T PI74FCT257CT |
Fast CMOS Quad 2-Input Multiplexer
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation]
|
IDT54FCT25 IDT74FCT257CT IDT54FCT257CT IDT74FCT257 |
FAST CMOS QUAD 2-INPUT MULTIPLEXER 快速CMOS四路2输入多路复用
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT74FCT157DT IDT74FCT157CT IDT74FCT157AT 74FCT157 |
From old datasheet system FAST CMOS QUAD 2-INPUT MULTIPLEXER
|
IDT
|
AM27X128 AM27X128-120JC AM27X128-120JI AM27X128-12 |
CMOS Quad 2-Input NAND Schmitt Triggers 14-CDIP -55 to 125 16K X 8 OTPROM, 90 ns, PDIP28 CMOS Quad 2-Input NAND Schmitt Triggers 14-SOIC -55 to 125 128千比特(16亩8位)的CMOS ExpressROM装置 CMOS Quad 2-Input NAND Schmitt Triggers 14-SOIC -55 to 125 16K X 8 OTPROM, 150 ns, PDIP28 CAPACITOR .0033UF UV BOX TYPE 16K X 8 OTPROM, 150 ns, PQCC32 CMOS Quad 2-Input NAND Schmitt Triggers 14-TSSOP -55 to 125 128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
|
SPANSION LLC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
74LCX00M 74LCX00MTR 74LCX00TTR |
QUAD CMOS 2-INPUT NAND GATE WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS 低电压CMOS Quad使用5V容限输入2输入与非
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
MC74LVQ08 MC74LVQ08D MC74LVQ08DT MC74LVQ08M MC74LV |
Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source only 16-HTSSOP -40 to 85 LVQ SERIES, QUAD 2-INPUT AND GATE, PDSO14 LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
74HC08 74HC08DR2G 74HC08DTR2G 74HC08.REV1 |
74HC08 Data Sheet Quad 2-Input AND Gate; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-Input AND Gate; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2−Input AND Gate High−Performance Silicon−Gate CMOS
|
ON Semiconductor
|
MC74LCX02 MC74LCX02D MC74LCX02DT MC74LCX02M MC74LC |
LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE From old datasheet system Rating(Amps)(Max.): 0.5; Rated Voltage(VAC): 125; Mating/Unmating Cycles: 200; Operating Temperature Range (degrees C): -25 to 60; Generic Name: RJ-11 LED AMBER 3-ELEMENT ARRAY
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor] Motorola, Inc.
|
HD74AC02 HD74AC02FP |
LOGIC GATE|QUAD 2-INPUT NOR|AC-CMOS|SOP|14PIN|PLASTIC 逻辑门|2输入或非|交流的CMOS |专科| 14PIN |塑料 Quad 2-Input NOR Gate
|
Hitachi,Ltd. Hitachi Semiconductor
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
MAX4664 MAX4664CPE MAX4664CSE MAX4664EPE MAX4664ES |
5? Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5з, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches 5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5 Ohm, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC74LCX00DG |
Low-Voltage CMOS Quad 2-Input NAND Gate; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
Rectron Semiconductor
|